Part Number Hot Search : 
MAJ17 75452N P2012DZ NC303SOT HS2155 15400 SI5504DC 1991475
Product Description
Full Text Search
 

To Download LMBR0520ET1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guardring for over voltage protection * high temperature soldering guaranteed: 260c/10 seconds at terminals mechanical data case : sod-323he molded plastic over sky die terminals : plated leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any we declare that the material of product is weight : 0.0 053 g haloggen free (green epoxy compound) handling precautin :none 1.electrical characteristic maximum & thermal characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbol unit device marking code maximum repetitive peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward rectified current at tc = 75c i f(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a typical thermal resistance (note 1) r ja c/w operating junction temperature range t j c storage temperature range t stg c electrical characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbol unit maximum dc reverse current at rated dc blocking voltage t a = 25 tj = 100 i r ma typical junction capacitance at 4.0v, 1mhz c j pf notes: 1. 8.0mm2 (.013mm thick) land areas 054 lmbr0530et1g LMBR0520ET1G 30 052 20 14 30 28 40 v 0.130 10 0.03 10 0.55 160 0.25 8 ?55 to +125 lmbr0530et1g 0.43 LMBR0520ET1G ?55 to +150 20 LMBR0520ET1G thru lmbr0540et1g 0.5 22 220 lmbr0540et1g 40 schottky barrier rectifiers reverse voltage 20 to 40v forward current 0.5a 053 maximum instantaneous forward voltage at (if = 0.5 a, tj = 25c) 0.45 21 v f lmbr0540et1g
2.ratings and characteristic curves ( ta = 25c unless otherwise noted ) LMBR0520ET1G thru lmbr0540et1g fig. 1 C forward current derating curve average forward rectified current (a) 0 25 50 75 100 125 150 175 0.5 0.25 0 60 hz resistive or inductive load case temperature, c fig 4. C typical reverse characteristics instantaneous reverse current (ma) 0 20 40 60 80 100 10 1.0 0.1 0.01 0.001 percent of rated peak reverse voltage (%) tj=100 tj=75 tj=25 fig 6. C typical junction capacitance 0.1 1 10 100 1000 100 10 tj = 25 c f = 1.0 mhz vsig = 5 0mvp p reverse voltage (v) junction capacitance (pf) fig 5. Ctypical transient thermal impedance transient thermal impedance( /w) 100 10 1 1000 0.01 0.1 1.0 10 100 t,pulse duration,sec fig. 2 C maximum non-repetitive peak forward surge current n umber of cycles at 60h z peak forward surge current (a) 1 10 100 22 11 0 tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25 c pulse width = 300s 1% duty cycle instantaneous forward current (a) 10 1.0 0.1 0.01 100 fig 3. C typical instantaneous forward characteristics 0.2 0.4 0.6 0.8 1.0 1.2 instantaneous forward voltage (v) tj = 25 c pulse width = 300s 1% duty cycle
3. dimension: suggested solder pad layout dimensions in inches and (millimeters) LMBR0520ET1G thru lmbr0540et1g e f sod-323he b a d e c package a b c d e sod323-he 0.032(0.8) 0.032(0.8) 0.085(2.15) 0.032(0.8) 0.032(0.8) min max min max a 2.30 2.70 0.091 0.106 b 1.20 1.35 0.047 0.053 c 1.75 1.95 0.069 0.077 d e 0.55 0.75 0.022 0.030 f 0.10 0.20 0.004 0.008 g 0.50 0.55 0.020 0.022 h 0.50 0.55 0.020 0.022 i 0.40 0.60 0.016 0.024 j 1.15 1.55 0.045 0.061 k millimeters 0.8typ 0.032typ dim inches 0.30typ 0.012typ g h j i i k a c d d b
5.suggested thermal profile for soldering process 1. storage environmenttemper ature=5~40 humidity=5525% 2. reflow soldering of surface-mount device 3. reflow soldering LMBR0520ET1G thru lmbr0540et1g <6/sec time 25 to peak temperature <6minutes <3sec 150 200 60~120sec <3/sec tsmax to t l - ramp-up rate ramp-down rate 217 60-260sec pr eheat - temperature min(tsmin) - temperature max(tsmax) - time(min to max)(t s ) profile feature average ramp-up rate(t l to t p ) time maintai ned above: - temperature (t l ) - time(t l ) soldering condition peak temperature(t p ) time within 5 of actual peak temperature(t p ) 10~30sec 255 -0/+5 pt t25 to peak ts preheat tl temperature time tp tl 25 ts min ts max ramp-up ramp-down critical zone tl to tp
6.high reliability test capabilities solder resistance mil-std-750d method-2031 solderability at 2455 for 5 sec mil-std-202f method-208 high temperature reverse bias v r =80% rate at t j =125 for 168hrs mil-std-750d method-1038 forward operation life mil-std-750d method-1027 intermittent operation life mil-std-750d method-1036 pressure cooker 15p sig at t a =121 for 4hrs jesd22-a102 temperature cycling mil-std-750d method-1051 thermal shock mil-std-750d method-1056 forward surge mil-std-750d method-4066-2 humidity at t a =85r h =85% for 1000hrs mil-std-750d method-1021 high temperature storage life at 150 for 1000hrs mil-std-750d method-1031 item test 8.3ms single half sine-wave superimposed on rated load,one surge 0 for 5min. rise to 100 for 5min. total 10 cycles condition reference t a =25i f =i o -55 to +125 dwelled for 30 min. and transferred for 5min. total 10 cycles rated average rectifier current t a =25 for 500hrs at 2605 for 102sec immerse LMBR0520ET1G thru lmbr0540et1g
title : 5.1.1 reel packing a. reel spec unit mm abcw 177.02.0 54.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 177.02.0 50.00.5 13.00.5 9.41.5 177.02.0 50.00.5 13.00.5 9.41.5 330.02.0 75.00.5 13.00.5 13.20.2 b. 13" reel packing box unit mm abc size 3355.0 3352.0 401.0 as per above packing q'ty/box 10k 10k 3k smb-fl 13" reel 5k smb-fl 13" reel spec doc no. wi-258 power diode smd package p ac king spec version: 5 modification: 0 page: 2 5.1 smd packing reel spec & packing quantity sod323he 7" reel spec quantity/reel sma-fl 7" reel 3k to277 13" reel 5k sod123fl 7" reel 3k to277 13" reel
title : c. 7" reel packing box unit mm abc sma-fl sod123fl sod323he 1862.0 1392.0 1852.0 as per above packing sma-fl sod123fl sod323he d. reel packing carton unit mm abc size 3502.0 3402.0 3502.0 as per above packing q'ty/carton 80k 80k unit mm abc sma-fl sod123fl sod323he 4552.0 4002.0 4102.0 as per above packing q'ty/carton 360k 360k 360k 5.1.2 tape spec a. cover tape unit mm a sma-fl smb-fl to277 9.50.10 sod123fl sod323he 5.40.10 30k smb-fl 13" reel 30k 0.0620.007 30k spec doc no. wi-258 power diode smd package packing spec doc no. wi-258 page: 3 q'ty/box to277 13" reel spec sod123-fl 7" reel sod323he 7" reel sma-fl 7" reel b
title : b. carrier tape item sod323he sod123fl sma-fl smb-fl to277 w 80.3 80.3 120.3 120.3 120.3 p1 40.1 40.1 40.1 80.1 80.1 e 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 f 3.5.05 3.5.05 5.5.05 5.50.05 5.5.05 d0 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 d1 1.10.1 1.10.1 1.50.1 1.550.05 1.50.1 p0 40.1 40.1 40.1 40.1 40.1 p2 20.05 20.05 20.05 20.05 20.05 10p0 400.2 400.2 400.2 400.2 400.2 a0 1.450.1 1.950.1 2.830.1 3.80.1 4.30.1 b0 2.750.1 3.950.1 4.750.1 5.750.1 6.80.1 k0 0.800.1 1.300.1 1.420.1 1.40.1 1.350.1 t 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 4 k o sec.:a-a' ao p2 p1 a do w e f a' b po b' b o sec.:b-b' t d1 cathode(tape hole side
title : 5.2 smd power diode general packin g spec a. 7" reel all labels will be at cathode side of reel a:lrc label; b:environment label c:halide free label b. 13" reel a:lrc label; b:environment lab e c:halide free label c.tape lead: face anode side of the reel,upper side is the tape lead position. all labels are at cathode side of the reel. doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 5 a a a c c c c front side
: c. label content lrc label ` lot: 140106049x: 140106---2014/1/6 049----lot number:49 x product code environment label halide-free label page: 6 doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 green p/n lot no. date code quantity manufacturing it maker two-dimension code
7. update record LMBR0520ET1G thru lmbr0540et1g 1 2 ?g?0.75~0.95mm?0.50~0.55mm ? 2014.07.18 2014.02.26 ? ?? ?


▲Up To Search▲   

 
Price & Availability of LMBR0520ET1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X